Part Number Hot Search : 
PF0603H3 UPC2410A PJA3402 R1100 RTD15024 RTD15024 78M10 225M0
Product Description
Full Text Search
 

To Download TJA1041 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
TJA1041A High speed CAN transceiver
Product specification Supersedes data of 2003 Sep 29 2004 Feb 20
Philips Semiconductors
Product specification
High speed CAN transceiver
FEATURES Optimized for in-vehicle high speed communication * Fully compatible with the ISO 11898 standard * Communication speed up to 1 Mbit/s * Very low ElectroMagnetic Emission (EME) * Differential receiver with wide common-mode range, offering high ElectroMagnetic Immunity (EMI) * Passive behaviour when supply voltage is off * Automatic I/O-level adaptation to the host controller supply voltage * Recessive bus DC voltage stabilization for further improvement of EME behaviour * Listen-only mode for node diagnosis and failure containment * Allows implementation of large networks (more than 110 nodes). Low-power management * Very low-current in standby and sleep mode, with local and remote wake-up * Capability to power down the entire node, still allowing local and remote wake-up * Wake-up source recognition. Protection and diagnosis (detection and signalling) * TXD dominant clamping handler with diagnosis * RXD recessive clamping handler with diagnosis * TXD-to-RXD short-circuit handler with diagnosis ORDERING INFORMATION TYPE NUMBER TJA1041AT TJA1041AU PACKAGE NAME SO14 - DESCRIPTION plastic small outline package; 14 leads; body width 3.9 mm bare die; 1920 x 3190 x 380 m
TJA1041A
* Over-temperature protection with diagnosis * Undervoltage detection on pins VCC, VI/O and VBAT * Automotive environment transient protected bus pins and pin VBAT * Short-circuit proof bus pins and pin SPLIT (to battery and to ground) * Bus line short-circuit diagnosis * Bus dominant clamping diagnosis * Cold start diagnosis (first battery connection). GENERAL DESCRIPTION The TJA1041A provides an advanced interface between the protocol controller and the physical bus in a Controller Area Network (CAN) node. The TJA1041A is primarily intended for automotive high-speed CAN applications (up to 1 Mbit/s). The transceiver provides differential transmit capability to the bus and differential receive capability to the CAN controller. The TJA1041A is fully compatible to the ISO 11898 standard, and offers excellent EMC performance, very low power consumption, and passive behaviour when supply voltage is off. The advanced features include: * Low-power management, supporting local and remote wake-up with wake-up source recognition and the capability to control the power supply in the rest of the node * Several protection and diagnosis functions including short circuits of the bus lines and first battery connection * Automatic adaptation of the I/O-levels, in line with the supply voltage of the controller.
VERSION SOT108-1 -
2004 Feb 20
2
Philips Semiconductors
Product specification
High speed CAN transceiver
QUICK REFERENCE DATA SYMBOL VCC VI/O VBAT IBAT VCANH VCANL VSPLIT Vesd PARAMETER DC voltage on pin VCC DC voltage on pin VI/O DC voltage on pin VBAT VBAT input current DC voltage on pin CANH DC voltage on pin CANL DC voltage on pin SPLIT electrostatic discharge voltage CONDITIONS operating range operating range operating range VBAT = 12 V 0 < VCC < 5.25 V; no time limit 0 < VCC < 5.25 V; no time limit 0 < VCC < 5.25 V; no time limit Human Body Model (HBM) pins CANH, CANL and SPLIT all other pins tPD(TXD-RXD) Tvj propagation delay TXD to RXD virtual junction temperature VSTB = 0 V -6 -4 40 -40 MIN. 4.75 2.8 5 10 -27 -27 -27
TJA1041A
MAX. 5.25 5.25 27 30 +40 +40 +40 +6 +4 255 +150
UNIT V V V A V V V kV kV ns C
2004 Feb 20
3
Philips Semiconductors
Product specification
High speed CAN transceiver
BLOCK DIAGRAM
TJA1041A
VI/O
handbook, full pagewidth
VCC 3
VBAT 10 7
5
TJA1041A
TXD 1 TIME-OUT LEVEL ADAPTOR TEMPERATURE PROTECTION INH
EN
6
13 STB 14 VBAT DRIVER 12
CANH CANL
WAKE
9
WAKE COMPARATOR MODE CONTROL + FAILURE DETECTOR + WAKE-UP DETECTOR RXD RECESSIVE DETECTION
VCC
SPLIT
11
SPLIT
VI/O
ERR
8
VBAT
VI/O
LOW POWER RECEIVER VCC
RXD
4 NORMAL RECEIVER 2
MNB115
GND
Fig.1 Block diagram.
2004 Feb 20
4
Philips Semiconductors
Product specification
High speed CAN transceiver
PINNING SYMBOL TXD GND VCC RXD VI/O EN INH ERR WAKE VBAT SPLIT CANL CANH STB PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 ground transceiver supply voltage input
handbook, halfpage
TJA1041A
DESCRIPTION transmit data input
receive data output; reads out data from the bus lines I/O-level adapter voltage input enable control input inhibit output for switching external voltage regulators error and power-on indication output (active LOW) local wake-up input battery voltage input common-mode stabilization output LOW-level CAN bus line HIGH-level CAN bus line standby control input (active LOW)
TXD 1 GND 2 VCC 3 RXD 4 VI/O 5 EN 6 INH 7
MDB635
14 STB 13 CANH 12 CANL
TJA1041AT 11 SPLIT
10 VBAT 9 8 WAKE ERR
Fig.2 Pinning configuration.
FUNCTIONAL DESCRIPTION The primary function of a CAN transceiver is to provide the CAN physical layer as described in the ISO 11898 standard. In the TJA1041A this primary function is complemented with a number of operating modes, fail-safe features and diagnosis features, which offer enhanced system reliability and advanced power management functionality.
Operating modes The TJA1041A can be operated in five modes, each with specific features. Control pins STB and EN select the operating mode. Changing between modes also gives access to a number of diagnostics flags, available via pin ERR. The following sections describe the five operating modes. Table 1 shows the conditions for selecting these modes. Figure 3 illustrates the mode transitions when VCC, VI/O and VBAT are present.
2004 Feb 20
5
Philips Semiconductors
Product specification
High speed CAN transceiver
Table 1 Operating mode selection INTERNAL FLAGS OPERATING MODE STB X EN X UVNOM set cleared UVBAT X set pwon, wake-up X(1) one or both set both cleared L L cleared cleared one or both set both cleared L H cleared cleared one or both set both cleared sleep mode; note 2 standby mode no change from sleep mode standby mode from any other mode standby mode no change from sleep mode standby mode from any other mode standby mode no change from sleep mode
TJA1041A
CONTROL PINS
PIN INH floating H floating H H floating H H floating H(3) H H
go-to-sleep command mode from any other mode; note 3 H H Notes 1. Setting the pwon flag or the wake-up flag will clear the UVNOM flag. L H cleared cleared cleared cleared X X pwon/listen-only mode normal mode; note 4
2. The transceiver directly enters sleep mode and pin INH is set floating when the UVNOM flag is set (so after the undervoltage detection time on either VCC or VI/O has elapsed before that voltage level has recovered). 3. When go-to-sleep command mode is selected for longer than the minimum hold time of the go-to-sleep command, the transceiver will enter sleep mode and pin INH is set floating. 4. On entering normal mode the pwon flag and the wake-up flag will be cleared.
2004 Feb 20
6
Philips Semiconductors
Product specification
High speed CAN transceiver
TJA1041A
handbook, full pagewidth
STB = H and EN = H PWON/LISTENONLY MODE STB = H and EN = L NORMAL MODE
STB = H and EN = L STB = L and (EN = L or flag set)
STB = H and EN = L
STB = H and EN = H STB = H and EN = H STB = L and EN = H
STB = L and EN = H and flags cleared STB = L and EN = L STB = L and EN = H and flags cleared STB = L and (EN = L or flag set)
STANDBY MODE
GO-TO-SLEEP COMMAND MODE
STB = H and EN = L and UVNOM cleared
STB = L and flag set SLEEP MODE
flags cleared and t > t h(min)
STB = H and EN = H and UVNOM cleared
LEGEND: = H, = L flag set flags cleared logical state of pin setting pwon and/or wake-up flag pwon and wake-up flag both cleared
MGU983
Fig.3 Mode transitions when VCC, VI/O and VBAT are present.
NORMAL MODE Normal mode is the mode for normal bi-directional CAN communication. The receiver will convert the differential analog bus signal on pins CANH and CANL into digital data, available for output to pin RXD. The transmitter will convert digital data on pin TXD into a differential analog signal, available for output to the bus pins. The bus pins are biased at 0.5VCC (via Ri(cm)). Pin INH is active, so voltage regulators controlled by pin INH (see Fig.4) will be active too. PWON/LISTEN-ONLY MODE In pwon/listen-only mode the transmitter of the transceiver is disabled, effectively providing a transceiver listen-only 2004 Feb 20 7
behaviour. The receiver will still convert the analog bus signal on pins CANH and CANL into digital data, available for output to pin RXD. As in normal mode the bus pins are biased at 0.5VCC, and pin INH remains active. STANDBY MODE The standby mode is the first-level power saving mode of the transceiver, offering reduced current consumption. In standby mode the transceiver is not able to transmit or receive data and the low-power receiver is activated to monitor bus activity. The bus pins are biased at ground level (via Ri(cm)). Pin INH is still active, so voltage regulators controlled by this pin INH will be active too.
Philips Semiconductors
Product specification
High speed CAN transceiver
Pins RXD and ERR will reflect any wake-up requests (provided that VI/O and VCC are present). GO-TO-SLEEP COMMAND MODE The go-to-sleep command mode is the controlled route for entering sleep mode. In go-to-sleep command mode the transceiver behaves as if in standby mode, plus a go-to-sleep command is issued to the transceiver. After remaining in go-to-sleep command mode for the minimum hold time (th(min)), the transceiver will enter sleep mode. The transceiver will not enter the sleep mode if the state of pins STB or EN is changed or the UVBAT, pwon or wake-up flag is set before th(min) has expired. SLEEP MODE The sleep mode is the second-level power saving mode of the transceiver. Sleep mode is entered via the go-to-sleep
TJA1041A
command mode, and also when the undervoltage detection time on either VCC or VI/O elapses before that voltage level has recovered. In sleep mode the transceiver still behaves as described for standby mode, but now pin INH is set floating. Voltage regulators controlled by pin INH will be switched off, and the current into pin VBAT is reduced to a minimum. Waking up a node from sleep mode is possible via the wake-up flag and (as long as the UVNOM flag is not set) via pin STB. Internal flags The TJA1041A makes use of seven internal flags for its fail-safe fallback mode control and system diagnosis support. Table 1 shows the relation between flags and operating modes of the transceiver. Five of the internal flags can be made available to the controller via pin ERR. Table 2 shows the details on how to access these flags. The following sections describe the seven internal flags.
Table 2
Accessing internal flags via pin ERR Flag is available on pin ERR(1) no no in pwon/listen-only mode (coming from standby mode, go-to-sleep command mode, or sleep mode) Flag is cleared by setting the pwon or wake-up flag when VBAT has recovered on entering normal mode
Internal flag UVNOM UVBAT pwon wake-up wake-up source bus failure local failure
in standby mode, go-to-sleep command mode, and on entering normal mode, or by setting the sleep mode (provided that VI/O and VCC are present) pwon or UVNOM flag in normal mode (before the fourth dominant to recessive edge on pin TXD; note 2) in normal mode (after the fourth dominant to recessive edge on pin TXD; note 2) in pwon/listen-only mode (coming from normal mode) on leaving normal mode, or by setting the pwon flag on re-entering normal mode on entering normal mode or when RXD is dominant while TXD is recessive (provided that all local failures are resolved)
Notes 1. Pin ERR is an active-LOW output, so a LOW level indicates a set flag and a HIGH level indicates a cleared flag. Allow pin ERR to stabilize for at least 8 s after changing operating modes. 2. Allow for a TXD dominant time of at least 4 s per dominant-recessive cycle.
2004 Feb 20
8
Philips Semiconductors
Product specification
High speed CAN transceiver
UVNOM FLAG UVNOM is the VCC and VI/O undervoltage detection flag. The flag is set when the voltage on pin VCC drops below VCC(sleep) for longer than tUV(VCC) or when the voltage on pin VI/O drops below VI/O(sleep) for longer than tUV(VI/O). When the UVNOM flag is set, the transceiver will enter sleep mode to save power and not disturb the bus. In sleep mode the voltage regulators connected to pin INH are disabled, avoiding the extra power consumption in case of a short-circuit condition. After a waiting time (fixed by the same timers used for setting UVNOM) any wake-up request or setting of the pwon flag will clear UVNOM and the timers, allowing the voltage regulators to be reactivated at least until UVNOM is set again. UVBAT FLAG UVBAT is the VBAT undervoltage detection flag. The flag is set when the voltage on pin VBAT drops below VBAT(stb). When UVBAT is set, the transceiver will try to enter standby mode to save power and not disturb the bus. UVBAT is cleared when the voltage on pin VBAT has recovered. The transceiver will then return to the operating mode determined by the logic state of pins STB and EN. PWON FLAG Pwon is the VBAT power-on flag. This flag is set when the voltage on pin VBAT has recovered after it dropped below VBAT(pwon), particularly after the transceiver was disconnected from the battery. By setting the pwon flag, the UVNOM flag and timers are cleared and the transceiver cannot enter sleep mode. This ensures that any voltage regulator connected to pin INH is activated when the node is reconnected to the battery. In pwon/listen-only mode the pwon flag can be made available on pin ERR. The flag is cleared when the transceiver enters normal mode. WAKE-UP FLAG The wake-up flag is set when the transceiver detects a local or a remote wake-up request. A local wake-up request is detected when a logic state change on pin WAKE remains stable for at least twake. A remote wake-up request is detected after two bus dominant states of at least tBUSdom (with each dominant state followed by a recessive state of at least tBUSrec). The wake-up flag can only be set in standby mode, go-to-sleep command mode or sleep mode. Setting of the flag is blocked during the UVNOM flag waiting time. By setting the wake-up flag, the UVNOM flag and timers are cleared. The wake-up flag is immediately available on pins ERR and RXD (provided
TJA1041A
that VI/O and VCC are present). The flag is cleared at power-on, or when the UVNOM flag is set or the transceiver enters normal mode. WAKE-UP SOURCE FLAG Wake-up source recognition is provided via the wake-up source flag, which is set when the wake-up flag is set by a local wake-up request via pin WAKE. The wake-up source flag can only be set after the pwon flag is cleared. In normal mode the wake-up source flag can be made available on pin ERR. The flag is cleared at power-on or when the transceiver leaves normal mode. BUS FAILURE FLAG The bus failure flag is set if the transceiver detects a bus line short-circuit condition to VBAT, VCC or GND during four consecutive dominant-recessive cycles on pin TXD, when trying to drive the bus lines dominant. In normal mode the bus failure flag can be made available on pin ERR. The flag is cleared when the transceiver re-enters normal mode. LOCAL FAILURE FLAG In normal mode or pwon/listen-only mode the transceiver can recognize five different local failures, and will combine them into one local failure flag. The five local failures are: TXD dominant clamping, RXD recessive clamping, a TXD-to-RXD short circuit, bus dominant clamping, and over-temperature. Nature and detection of these local failures is described in Section "Local failures". In pwon/listen-only mode the local failure flag can be made available on pin ERR. The flag is cleared when entering normal mode or when RXD is dominant while TXD is recessive, provided that all local failures are resolved. Local failures The TJA1041A can detect five different local failure conditions. Any of these failures will set the local failure flag, and in most cases the transmitter of the transceiver will be disabled. The following sections give the details. TXD DOMINANT CLAMPING DETECTION A permanent LOW level on pin TXD (due to a hardware or software application failure) would drive the CAN bus into a permanent dominant state, blocking all network communication. The TXD dominant time-out function prevents such a network lock-up by disabling the transmitter of the transceiver if pin TXD remains at a LOW level for longer than the TXD dominant time-out tdom(TXD).
2004 Feb 20
9
Philips Semiconductors
Product specification
High speed CAN transceiver
The tdom(TXD) timer defines the minimum possible bit rate of 40 kbit/s. The transmitter remains disabled until the local failure flag is cleared. RXD RECESSIVE CLAMPING DETECTION An RXD pin clamped to HIGH level will prevent the controller connected to this pin from recognizing a bus dominant state. So the controller can start messages at any time, which is likely to disturb all bus communication. RXD recessive clamping detection prevents this effect by disabling the transmitter when the bus is in dominant state without RXD reflecting this. The transmitter remains disabled until the local failure flag is cleared. TXD-TO-RXD SHORT-CIRCUIT DETECTION A short-circuit between pins RXD and TXD would keep the bus in a permanent dominant state once the bus is driven dominant, because the low-side driver of RXD is typically stronger than the high-side driver of the controller connected to TXD. The TXD-to-RXD short-circuit detection prevents such a network lock-up by disabling the transmitter. The transmitter remains disabled until the local failure flag is cleared. BUS DOMINANT CLAMPING DETECTION A CAN bus short circuit (to VBAT, VCC or GND) or a failure in one of the other network nodes could result in a differential voltage on the bus high enough to represent a bus dominant state. Because a node will not start transmission if the bus is dominant, the normal bus failure detection will not detect this failure, but the bus dominant clamping detection will. The local failure flag is set if the dominant state on the bus persists for longer than tdom(bus). By checking this flag, the controller can determine if a clamped bus is blocking network communication. There is no need to disable the transmitter. Note that the local failure flag does not retain a bus dominant clamping failure, and is released as soon as the bus returns to recessive state. OVER-TEMPERATURE DETECTION To protect the output drivers of the transceiver against overheating, the transmitter will be disabled if the virtual
TJA1041A
junction temperature exceeds the shutdown junction temperature Tj(sd). The transmitter remains disabled until the local failure flag is cleared. Recessive bus voltage stabilization In recessive state the output impedance of transceivers is relatively high. In a partially powered network (supply voltage is off in some of the nodes) any deactivated transceiver with a significant leakage current is likely to load the recessive bus to ground. This will cause a common-mode voltage step each time transmission starts, resulting in increased ElectroMagnetic Emission (EME). Using pin SPLIT of the TJA1041A in combination with split termination (see Fig.5) will reduce this step effect. In normal mode and pwon/listen-only mode pin SPLIT provides a stabilized 0.5VCC DC voltage. In standby mode, go-to-sleep command mode and sleep mode pin SPLIT is set floating. I/O level adapter The TJA1041A is equipped with a built-in I/O-level adapter. By using the supply voltage of the controller (to be supplied at pin VI/O) the level adapter ratio-metrically scales the I/O-levels of the transceiver. For pins TXD, STB and EN the digital input threshold level is adjusted, and for pins RXD and ERR the HIGH-level output voltage is adjusted. This allows the transceiver to be directly interfaced with controllers on supply voltages between 2.8 V and 5.25 V, without the need for glue logic. Pin WAKE Pin WAKE of the TJA1041A allows local wake-up triggering by a LOW to HIGH state change as well as a HIGH to LOW state change. This gives maximum flexibility when designing a local wake-up circuit. To keep current consumption at a minimum, after a twake delay the internal bias voltage of pin WAKE will follow the logic state of this pin. A HIGH level on pin WAKE is followed by an internal pull-up to VBAT. A LOW level on pin WAKE is followed by an internal pull-down towards GND. To ensure EMI performance in applications not using local wake-up it is recommended to connect pin WAKE to pin VBAT or to pin GND.
2004 Feb 20
10
Philips Semiconductors
Product specification
High speed CAN transceiver
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCC VI/O VBAT PARAMETER DC voltage on pin VCC DC voltage on pin VI/O DC voltage on pin VBAT CONDITIONS no time limit operating range no time limit operating range no time limit operating range load dump VTXD VRXD VSTB VEN VERR VINH VWAKE IWAKE VCANH VCANL VSPLIT Vtrt Vesd DC voltage on pin TXD DC voltage on pin RXD DC voltage on pin STB DC voltage on pin EN DC voltage on pin ERR DC voltage on pin INH DC voltage on pin WAKE DC current on pin WAKE DC voltage on pin CANH DC voltage on pin CANL DC voltage on pin SPLIT 0 < VCC < 5.25 V; no time limit 0 < VCC < 5.25 V; no time limit 0 < VCC < 5.25 V; no time limit MIN. -0.3 4.75 -0.3 2.8 -0.3 5 - -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 - -27 -27 -27
TJA1041A
MAX. +6 5.25 +6 5.25 +40 27 40 VI/O + 0.3 VI/O + 0.3 VI/O + 0.3 VI/O + 0.3 VI/O + 0.3 V V V V V V V V V V V V
UNIT
VBAT + 0.3 V VBAT + 0.3 V -15 +40 +40 +40 +200 mA V V V V
transient voltages on pins CANH, according to ISO 7637; see Fig.6 -200 CANL, SPLIT and VBAT electrostatic discharge voltage Human Body Model (HBM); note 1 pins CANH, CANL and SPLIT all other pins Machine Model (MM); note 2 -6 -4 -200 -40 -55
+6 +4 +200 +150 +150
kV kV V C C
Tvj Tstg Notes
virtual junction temperature storage temperature
note 3
1. Equivalent to discharging a 100 pF capacitor via a 1.5 k series resistor (6 kV level with pin GND connected to ground). 2. Equivalent to discharging a 200 pF capacitor via a 0.75 H series inductor and a 10 series resistor. 3. Junction temperature in accordance with IEC 60747-1. An alternative definition is: Tvj = Tamb + P x Rth(vj-amb), where Rth(vj-amb) is a fixed value. The rating for Tvj limits the allowable combinations of power dissipation (P) and ambient temperature (Tamb). THERMAL CHARACTERISTICS SYMBOL Rth(j-a) Rth(j-s) 2004 Feb 20 PARAMETER thermal resistance from junction to substrate of bare die 11 CONDITIONS in free air VALUE 120 40 UNIT K/W K/W
thermal resistance from junction to ambient in SO14 package in free air
Philips Semiconductors
Product specification
High speed CAN transceiver
QUALITY SPECIFICATION Quality specification in accordance with "AEC-Q100".
TJA1041A
CHARACTERISTICS VCC = 4.75 V to 5.25 V; VI/O = 2.8 V to VCC; VBAT = 5 V to 27 V; RL = 60 ; Tvj = -40 C to +150 C; unless specified otherwise; all voltages are defined with respect to ground; positive currents flow into the device; note 1. SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT
Supplies (pins VBAT, VCC and VI/O) VCC(sleep) VI/O(sleep) VBAT(stb) VBAT(pwon) ICC VCC undervoltage detection level for forced sleep mode VI/O undervoltage detection level for forced sleep mode VBAT voltage level for fail-safe VCC = 5 V (fail-safe) fallback mode VBAT voltage level for setting pwon flag VCC input current VCC = 0 V normal mode; VTXD = 0 V (dominant) normal or pwon/listen-only mode; VTXD = VI/O (recessive) standby or sleep mode II/O VI/O input current normal mode; VTXD = 0 V (dominant) normal or pwon/listen-only mode; VTXD = VI/O (recessive) standby or sleep mode IBAT VBAT input current normal or pwon/listen-only mode VBAT = 12 V (fail-safe) 2.75 0.5 2.75 2.5 25 2 3.3 1.5 3.3 3.3 55 6 4.5 2 4.5 4.1 80 10 V V V V mA mA
- 100 15
1 350 80
10 1000 200
A A A
- 15
0 30 20
5 40 30
A A A
standby mode; 10 VCC > 4.75 V; VI/O = 2.8 V; VINH = VWAKE = VBAT = 12 V sleep mode; VINH = VCC = VI/O = 0 V; VWAKE = VBAT = 12 V Transmitter data input (pin TXD) VIH VIL IIH IIL Ci HIGH-level input voltage LOW-level input voltage HIGH-level input current LOW-level input current input capacitance normal or pwon/listen-only mode; VTXD = VI/O normal or pwon/listen-only mode; VTXD = 0.3VI/O not tested 0.7VI/O -0.3 -5 -70 - 10
20
30
A
- - 0 -250 5
VCC + 0.3 V 0.3VI/O +5 -500 10 V A A pF
2004 Feb 20
12
Philips Semiconductors
Product specification
High speed CAN transceiver
TJA1041A
SYMBOL
PARAMETER
CONDITIONS VRXD = VI/O - 0.4 V; VI/O = VCC VRXD = 0.4 V; VTXD = VI/O; bus dominant
MIN. -1 2 -3 5
TYP.
MAX. -6 12
UNIT
Receiver data output (pin RXD) IOH IOL HIGH-level output current LOW-level output current mA mA
Standby and enable control inputs (pins STB and EN) VIH VIL IIH IIL IOH IOL IIH IIL Vth VH IL VO(dom) HIGH-level input voltage LOW-level input voltage HIGH-level input current LOW-level input current VSTB = VEN = 0.7VI/O VSTB = VEN = 0 V VERR = VI/O - 0.4 V; VI/O = VCC VERR = 0.4 V VWAKE = VBAT - 1.9 V VWAKE = VBAT - 3.1 V VSTB = 0 V IINH = -0.18 mA sleep mode 0.7VI/O -0.3 1 - -4 0.1 -1 1 - - 4 0 -20 0.2 -5 5 VCC + 0.3 V 0.3VI/O 10 -1 -50 0.35 -10 10 V A A A mA A A V
Error and power-on indication output (pin ERR) HIGH-level output current LOW-level output current
Local wake-up input (pin WAKE) HIGH-level input current LOW-level input current threshold voltage
VBAT - 3 VBAT - 2.5 VBAT - 2 0.05 - 0.2 0 0.8 5
Inhibit output (pin INH) HIGH-level voltage drop leakage current V A
Bus lines (pins CANH and CANL) dominant output voltage VTXD = 0 V pin CANH pin CANL VO(dom)(m) matching of dominant output voltage (VCC - VCANH - VCANL) differential bus output voltage VTXD = 0 V (dominant); (VCANH - VCANL) 45 < RL < 65 VTXD = VI/O (recessive); no load VO(reces) recessive output voltage normal or pwon/listen-only mode; VTXD = VI/O; no load standby or sleep mode; no load IO(sc) short-circuit output current VTXD = 0 V (dominant) pin CANH; VCANH = 0 pin CANL; VCANL = 40 V IO(reces) recessive output current -27 V < VCAN < 32 V -40 40 -2.5 -70 70 - -95 95 +2.5 mA mA mA 3 0.5 -0.1 3.6 1.4 - 4.25 1.75 +0.15 V V V
VO(dif)(bus)
1.5 -50 2 -0.1
- - 0.5VCC 0
3.0 +50 3 +0.1
V mV V V
2004 Feb 20
13
Philips Semiconductors
Product specification
High speed CAN transceiver
TJA1041A
SYMBOL Vdif(th)
PARAMETER differential receiver threshold voltage
CONDITIONS normal or pwon/listen-only mode (see Fig.7); -12 V < VCANH < 12 V; -12 V < VCANL < 12 V standby or sleep mode; -12 V < VCANH < 12 V; -12 V < VCANL < 12 V
MIN. 0.5
TYP. 0.7
MAX. 0.9
UNIT V
0.4
0.7
1.15
V
Vhys(dif)
differential receiver hysteresis voltage
normal or pwon/listen-only mode (see Fig.7); -12 V < VCANH < 12 V; -12 V < VCANL < 12 V VCC = 0 V VCANH = VCANL = 5 V
50
70
100
mV
ILI Ri(cm) Ri(cm)(m) Ri(dif) Ci(cm) Ci(dif) Rsc(bus)
input leakage current common-mode input resistance common-mode input resistance matching differential input resistance common-mode input capacitance differential input capacitance detectable short-circuit resistance between bus lines and VBAT, VCC and GND output voltage
100 15
170 25 0 50 - - -
250 35 +3 75 20 10 50
A k % k pF pF
VCANH = VCANL
-3 25
VTXD = VCC; not tested VTXD = VCC; not tested normal mode
- - 0
Common-mode stabilization output (pin SPLIT) Vo normal or pwon/listen-only mode; -500 A < ISPLIT < 500 A standby or sleep mode; -22 V < VSPLIT < 35 V normal mode normal mode normal or pwon/listen-only mode normal or pwon/listen-only mode VSTB = 0 V 0.3VCC 0.5VCC 0.7VCC V
IL
leakage current
-
0
5
A
Timing characteristics; see Figs 8 and 9 td(TXD-BUSon) td(TXD-BUSoff) td(BUSon-RXD) td(BUSoff-RXD) tPD(TXD-RXD) tUV(VCC), tUV(VI/O) tdom(TXD) tdom(bus) delay TXD to bus active delay TXD to bus inactive delay bus active to RXD delay bus inactive to RXD propagation delay TXD to RXD undervoltage detection time on VCC and VI/O TXD dominant time-out bus dominant time-out VTXD = 0 V Vdif > 0.9 V 25 10 15 35 40 5 300 300 70 50 65 100 - 10 600 600 110 95 115 160 255 12.5 1000 1000 ns ns ns ns ns ms s s
2004 Feb 20
14
Philips Semiconductors
Product specification
High speed CAN transceiver
TJA1041A
SYMBOL th(min) tBUSdom tBUSrec twake
PARAMETER minimum hold time of go-to-sleep command dominant time for wake-up via bus recessive time for wake-up via bus minimum wake-up time after receiving a falling or rising edge
CONDITIONS
MIN. 20 35
TYP.
MAX. 50 5 5 50
UNIT s s s s
standby or sleep mode; VBAT = 12 V standby or sleep mode; VBAT = 12 V standby or sleep mode; VBAT = 12 V
0.75 0.75 5
1.75 1.75 25
Thermal shutdown Tj(sd) Note 1. All parameters are guaranteed over the virtual junction temperature range by design, but only 100 % tested at Tamb = 125 C for dies on wafer level and in addition to this, 100 % tested at Tamb = 125 C for cased products, unless specified otherwise. For bare dies, all parameters are only guaranteed with the reverse side of the die connected to ground. TEST AND APPLICATION INFORMATION shutdown junction temperature 155 165 180 C
handbook, full pagewidth
3V BAT 5V
VBAT WAKE
INH
VCC
VI/O STB EN Port x, y, z VCC
TJA1041A
GND
ERR RXD TXD
MICROCONTROLLER RXD TXD
CANH
SPLIT
CANL
MNB116
CAN bus wires
Fig.4 Typical application with 3 V microcontroller.
2004 Feb 20
15
Philips Semiconductors
Product specification
High speed CAN transceiver
TJA1041A
handbook, full pagewidth
VCC
TJA1041A
CANH R SPLIT R CANL 60 60 VSPLIT
VSPLIT = 0.5VCC in normal mode and pwon/listen-only mode; otherwise floating
MNB117
GND
Fig.5 Stabilization circuitry and application.
handbook, full pagewidth
+ 12 V
+5 V 47 F 100 nF 5 TXD EN STB WAKE 500 kHz 1 6 14 9 12 CANL SPLIT ERR INH RXD VI/O 3 VCC VBAT 10 13 CANH 1 nF TRANSIENT GENERATOR 10 F
1 nF
TJA1041A
11 8 7 4
2 GND
MNB118
The waveforms of the applied transients will be in accordance with ISO 7637 part 1, test pulses 1, 2, 3a, 3b, 5, 6 and 7.
Fig.6 Test circuit for automotive transients.
2004 Feb 20
16
Philips Semiconductors
Product specification
High speed CAN transceiver
TJA1041A
handbook, full pagewidth
MGS378
VRXD HIGH
LOW hysteresis 0.5 0.9 Vi(dif)(bus) (V)
Fig.7 Hysteresis of the receiver.
handbook, full pagewidth
+ 12 V
+5 V 47 F 100 nF 5 TXD EN STB WAKE 1 6 14 9 12 CANL SPLIT ERR INH RXD 15 pF GND
MNB119
VI/O 3
VCC
VBAT 10 13 CANH
10 F
RL 60
CL 100 pF
TJA1041A
11 8 7 4
2
Fig.8 Test circuit for timing characteristics.
2004 Feb 20
17
Philips Semiconductors
Product specification
High speed CAN transceiver
TJA1041A
handbook, full pagewidth
HIGH TXD LOW
CANH CANL dominant (BUS on) 0.9 V Vi(dif)(bus)(1) 0.5 V recessive (BUS off) HIGH RXD t d(TXD-BUSon) t d(BUSon-RXD) t PD(TXD-RXD) (1) Vi(dif)(bus) = VCANH - VCANL. t PD(TXD-RXD) 0.3VCC 0.7VCC LOW t d(TXD-BUSoff) t d(BUSoff-RXD)
MGS377
Fig.9 Timing diagram.
BONDING PAD LOCATIONS COORDINATES(1) SYMBOL TXD GND VCC RXD VI/O EN INH ERR WAKE VBAT SPLIT CANL CANH STB Note 1. All x/y coordinates represent the position of the centre of each pad (in m) with respect to the left hand bottom corner of the top aluminium layer. 2004 Feb 20 18
The reverse side of the bare die must be connected to ground.
PAD x 1 2 3 4 5 6 7 8 9 10 11 12 13 14 664.25 75.75 115.5 115.5 115.5 264.5 667.75 1076.75 1765 1765 1765 1765 1751 940.75 y
handbook, halfpage
1 2
14 13
3004.5 3044.25 2573 1862.75 115.5 114 85 115.5 85 792.5 1442.25 2115 3002.5 3004.5
x 0
3
12 4
TJA1041AU
11
10
5
0 y
9 6 7 8
MDB634
Fig.10 Bonding pad locations.
Philips Semiconductors
Product specification
High speed CAN transceiver
PACKAGE OUTLINE
SO14: plastic small outline package; 14 leads; body width 3.9 mm
TJA1041A
SOT108-1
D
E
A X
c y HE vMA
Z 14 8
Q A2 A1 pin 1 index Lp 1 e bp 7 wM L detail X (A 3) A
0
2.5 scale
5 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm A max. 1.75 A1 0.25 0.10 A2 1.45 1.25 A3 0.25 0.01 bp 0.49 0.36 c 0.25 0.19 D (1) 8.75 8.55 E (1) 4.0 3.8 0.16 0.15 e 1.27 0.05 HE 6.2 5.8 L 1.05 Lp 1.0 0.4 Q 0.7 0.6 0.028 0.024 v 0.25 0.01 w 0.25 0.01 y 0.1 Z (1) 0.7 0.3
0.010 0.057 inches 0.069 0.004 0.049
0.019 0.0100 0.35 0.014 0.0075 0.34
0.244 0.039 0.041 0.228 0.016
0.028 0.004 0.012
8 o 0
o
Note 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. OUTLINE VERSION SOT108-1 REFERENCES IEC 076E06 JEDEC MS-012 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-19
2004 Feb 20
19
Philips Semiconductors
Product specification
High speed CAN transceiver
SOLDERING Introduction to soldering surface mount packages This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (document order number 9398 652 90011). There is no soldering method that is ideal for all surface mount IC packages. Wave soldering can still be used for certain surface mount ICs, but it is not suitable for fine pitch SMDs. In these situations reflow soldering is recommended. Reflow soldering Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Driven by legislation and environmental forces the worldwide use of lead-free solder pastes is increasing. Several methods exist for reflowing; for example, convection or convection/infrared heating in a conveyor type oven. Throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. Typical reflow peak temperatures range from 215 to 270 C depending on solder paste material. The top-surface temperature of the packages should preferably be kept: * below 225 C (SnPb process) or below 245 C (Pb-free process) - for all BGA, HTSSON-T and SSOP-T packages - for packages with a thickness 2.5 mm - for packages with a thickness < 2.5 mm and a volume 350 mm3 so called thick/large packages. * below 240 C (SnPb process) or below 260 C (Pb-free process) for packages with a thickness < 2.5 mm and a volume < 350 mm3 so called small/thin packages. Moisture sensitivity precautions, as indicated on packing, must be respected at all times. Wave soldering Conventional single wave soldering is not recommended for surface mount devices (SMDs) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. To overcome these problems the double-wave soldering method was specifically developed. 2004 Feb 20 20
TJA1041A
If wave soldering is used the following conditions must be observed for optimal results: * Use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. * For packages with leads on two sides and a pitch (e): - larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; - smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves at the downstream end. * For packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves downstream and at the side corners. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Typical dwell time of the leads in the wave ranges from 3 to 4 seconds at 250 C or 265 C, depending on solder material applied, SnPb or Pb-free respectively. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. Manual soldering Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage (24 V or less) soldering iron applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
Philips Semiconductors
Product specification
High speed CAN transceiver
Suitability of surface mount IC packages for wave and reflow soldering methods PACKAGE(1) BGA, HTSSON..T(3), LBGA, LFBGA, SQFP, SSOP..T(3), TFBGA, USON, VFBGA DHVQFN, HBCC, HBGA, HLQFP, HSO, HSOP, HSQFP, HSSON, HTQFP, HTSSOP, HVQFN, HVSON, SMS PLCC(5), SO, SOJ LQFP, QFP, TQFP SSOP, TSSOP, VSO, VSSOP CWQCCN..L(8), PMFP(9), WQCCN..L(8) Notes not suitable not suitable(4) suitable not not recommended(5)(6) recommended(7)
TJA1041A
SOLDERING METHOD WAVE REFLOW(2) suitable suitable suitable suitable suitable not suitable
not suitable
1. For more detailed information on the BGA packages refer to the "(LF)BGA Application Note" (AN01026); order a copy from your Philips Semiconductors sales office. 2. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the Drypack information in the "Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods". 3. These transparent plastic packages are extremely sensitive to reflow soldering conditions and must on no account be processed through more than one soldering cycle or subjected to infrared reflow soldering with peak temperature exceeding 217 C 10 C measured in the atmosphere of the reflow oven. The package body peak temperature must be kept as low as possible. 4. These packages are not suitable for wave soldering. On versions with the heatsink on the bottom side, the solder cannot penetrate between the printed-circuit board and the heatsink. On versions with the heatsink on the top side, the solder might be deposited on the heatsink surface. 5. If wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. The package footprint must incorporate solder thieves downstream and at the side corners. 6. Wave soldering is suitable for LQFP, TQFP and QFP packages with a pitch (e) larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. 7. Wave soldering is suitable for SSOP, TSSOP, VSO and VSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm. 8. Image sensor packages in principle should not be soldered. They are mounted in sockets or delivered pre-mounted on flex foil. However, the image sensor package can be mounted by the client on a flex foil by using a hot bar soldering process. The appropriate soldering profile can be provided on request. 9. Hot bar or manual soldering is suitable for PMFP packages.
2004 Feb 20
21
Philips Semiconductors
Product specification
High speed CAN transceiver
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development DEFINITION
TJA1041A
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2004 Feb 20
22
Philips Semiconductors
Product specification
High speed CAN transceiver
Bare die All die are tested and are guaranteed to comply with all data sheet limits up to the point of wafer sawing for a period of ninety (90) days from the date of Philips' delivery. If there are data sheet limits not guaranteed, these will be separately indicated in the data sheet. There are no post packing tests performed on individual die or wafer. Philips Semiconductors has no control of third party procedures in the sawing, handling, packing or assembly of the die. Accordingly, Philips Semiconductors assumes no liability for device functionality or performance of the die or systems after third party sawing, handling, packing or assembly of the die. It is the responsibility of the customer to test and qualify their application in which the die is used.
TJA1041A
2004 Feb 20
23
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2004
SCA76
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
R16/02/pp24
Date of release: 2004
Feb 20
Document order number:
9397 750 12824


▲Up To Search▲   

 
Price & Availability of TJA1041

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X